Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13007L-M-TA3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MJE13007L-M-TA3-T
Description  NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13007L-M-TA3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  MJE13007L-M-TA3-T Datasheet HTML 1Page - Unisonic Technologies MJE13007L-M-TA3-T Datasheet HTML 2Page - Unisonic Technologies MJE13007L-M-TA3-T Datasheet HTML 3Page - Unisonic Technologies MJE13007L-M-TA3-T Datasheet HTML 4Page - Unisonic Technologies MJE13007L-M-TA3-T Datasheet HTML 5Page - Unisonic Technologies MJE13007L-M-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJE13007-M
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R204-028.A
TYPICAL CHARACTERISTICS
1.4
0.02
0.01
0.1
0.05
0.4
0.8
1.2
1
1
0.6
0.5
2
Fig. 2 Base-Emitter Saturation Voltage
Collector Current, IC (A)
10
5
IC/IB=5
IC=-40°C
25°C
100°C
0.2
10
0.02
0.01
0.1
0.05
0.01
0.1
0.5
1
0.2
0.05
0.5
2
Fig. 3 Collector-Emitter Saturation Voltage
Collector Current, IC (A)
10
5
IC/IB=5
0.2
IC=-40°C
25°C
100°C
5
2
1
0.02
10000
0.1
10
1
10
100
1000
100
Fig. 6 Capacitance
Reverse Voltage,VR (V)
1000
TJ=25°C
Cib
Cob
100
20
10
50
30
0.02
0.5
5
200
2
0.1
100
300
Fig. 7 Maximum Forward Bias Safe
Operating Area
Collector-Emitter Voltage, VCE (V)
1000
500
70
50
20
10
0.05
5ms
10μs
1μs
Extended SOA@1μs,10μs
1
0.2
0.01
TC=25°C
DC
1ms
Bonding wire limit
Thermal limit
Second breakdown limit
curves apply below
rated vceo


Similar Part No. - MJE13007L-M-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007L-M-TA3-T UTC-MJE13007L-M-TA3-T Datasheet
357Kb / 6P
   TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
More results

Similar Description - MJE13007L-M-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007 UTC-MJE13007 Datasheet
170Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE18004G ONSEMI-MJE18004G Datasheet
230Kb / 11P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 9
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007-Q UTC-MJE13007-Q Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007 UTC-MJE13007_10 Datasheet
316Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007G ONSEMI-MJE13007G Datasheet
200Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 6
MJE18008G ONSEMI-MJE18008G Datasheet
234Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 7
logo
Unisonic Technologies
MJE13007 UTC-MJE13007_13 Datasheet
385Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
129Kb / 12P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
May, 2001 ??Rev. 3
logo
Unisonic Technologies
MJE13007D UTC-MJE13007D Datasheet
374Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com