Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907A-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBT2907A-AE3-R
Description  PNP GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT2907A-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBT2907A-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 5Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT2907A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R220-001.D
ABSOLUTE MAXIMUM RATING (Ta=25°С unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO
-60
V
Collector-Base Voltage
VCBO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current Continuous
IC
-800
mA
SOT-23
350
mW
Power Dissipation
SOT-323
PD
275
mW
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-23
357
°C/W
Junction to Case
SOT-323
θJA
455
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (Note)
BVCEO IC=-10mA, IB=0
-
60
V
Collector-Base Breakdown Voltage
BVCBO IC=-10μA, IE=0
-60
V
Emitter-Base Breakdown Voltage
BVEBO IE=-10μA , IC=0
-
5
V
Base Cutoff Current
IB
VCB=-30V, VEB=-0.5V
-
50
nA
Collector Cutoff Current
ICEX
VCE=-30V, VBE=-0.5V
-
50
nA
VCB=-50V, IE=0
-
0.02
μA
Collector Cutoff Current
ICBO
VCB=-50V, IE=0, TA=150°С
-
20
μA
ON CHARACTERISTICS
IC=-0.1mA, VCE=-10V
75
IC=-1.0 mA, VCE=-10V
100
IC=-10 mA, VCE=-10V
100
IC=-150 mA, VCE=-10V (Note)
100
300
DC Current Gain
hFE
IC=-500 mA, VCE=-10V (Note)
50
IC=-150 mA, IB=-15mA
-
0.4
V
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=-500 mA, IB=-50mA
-
1.6
V
IC=-150 mA, IB=-15mA (Note)
-
1.3
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-500 mA, IB=-50mA
-
2.6
V
SMALL SIGNAL CHARACTERISTICS
Current Gain – Bandwidth Product
fT
IC=-50mA, VCE=-20V, f=100MHz
200
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=100kHz
8
pF
Input Capacitance
Cib
VEB=-2V, IC=0, f=100kHz
30
pF
SWITCHING CHARACTERISTICS
Turn-on Time
tON
45
ns
Delay Time
tDLY
10
ns
Rise Time
tR
VCC=30V, IC=-150mA,
IB1=-15mA
40
ns
Turn-off Time
tOFF
100
ns
Storage Time
tS
80
ns
Fall Time
tF
VCC=6V, IC=-150mA,
IB1= IB2=-15mA
30
ns
Note: Pulse Test: Pulse Width
≤ 300ms, Duty Cycle≤2.0%


Similar Part No. - MMBT2907A-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT2907A-AE3-6-R UTC-MMBT2907A-AE3-6-R Datasheet
298Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT2907A-AE3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com