Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907A-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBT2907A-AE3-R
Description  PNP GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT2907A-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBT2907A-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 5Page - Unisonic Technologies MMBT2907A-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT2907A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R220-001.D
TYPICAL CHARACTERISTICS
-0.1
-1
-10
-100 -300
200
0
Collector Current, IC (mA)
Typical Pulsed Current Gain
vs Collector Current
-0.1
100
-0.4
-100
-1
-10
-500
Collector Emitter Saturation Voltage
vs Collector Current
-0.3
-0.3
-3
-30
300
400
500
125°С
25°С
-0.5
Collector Current, IC (mA)
-40°С
β=10
VCE =-5V
-40°С
0
-0.2
125°С
25°С
-0.4
-0.8
-100
-1
-10
-500
Base Emitter Saturation Voltage
vs Collector Current
-0.6
-1
Collector Current, IC (mA)
β=10
-0.4
-0.8
-10
-0.1
-1
-25
Base Emitter on Voltage
vs Collector Current
-0.6
-1
Collector Current, IC (mA)
-0.2
-0.2
0
25°С
-40°С
125°С
0
VCE =-5V
125°С
25°С
-40°С
Ambient Temperature, Ta(°С)
Collector Cutoff Current vs
Ambient Temperature
-0.1
75
25
50
100
125
-100
-1
-10
VCB=-35V
0.1
110
-50
12
4
Reverse Bias Voltage (V)
Input And Output Capacitance vs
Reverse Bias Voltage
8
16
20
Cob
0.01
0
Cte


Similar Part No. - MMBT2907A-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT2907A-AE3-6-R UTC-MMBT2907A-AE3-6-R Datasheet
298Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT2907A-AE3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com