Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q67 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62703-Q67
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q67 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62703-Q67 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q67 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q67 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q67 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
1997-11-01
LD 261
Relative spectral emission
Irel = f (λ)
Forward current
IF = f (VF), single pulse, tp = 20 µs
OHRD1938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHR01042
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
3
3.5
4 V 4.5
max.
typ.
Radiant intensity
Single pulse,
tp = 20 µs
Permissible pulse handling capability
IF = f (τ), TC = 25 °C,
duty cycle D = parameter
Ie
Ie 100 mA
= f (IF)
Ι
OHR01039
F
-1
10
10
0
1
10
2
10
10
-2
-1
10
0
10
A
10
1
Ι
e
Ι
e (100 mA)
10
Ι
F
OHR02182
τ
1
2
10
3
10
4
10
mA
-5
10
10
-4
-3
10
-2
10
-1
10
0
10
s
T
τ
=
D
F
Ι
T
τ
DC
0,5
0,2
0,1
0,05
0
0,005
0,01
0,02
=
D
Max. permissible forward current
IF = f (TA)
T
OHR01124
A
0
F
Ι
0
2040
6080
100
C
mA
10
20
30
40
50
60
70
80
T
L
,
R
thJL = 650 K/W
= 750 K/W
thJA
R
Radiation characteristics Irel = f (ϕ)
OHR01878
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - Q62703-Q67

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q62703-Q6103 ETC-Q62703-Q6103 Datasheet
141Kb / 13P
   Power TOPLED Hyper-Bright LED
Q62703-Q6104 ETC-Q62703-Q6104 Datasheet
141Kb / 13P
   Power TOPLED Hyper-Bright LED
logo
OSRAM GmbH
Q62703-Q6139 OSRAM-Q62703-Q6139 Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
Q62703-Q6235 OSRAM-Q62703-Q6235 Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
Q62703-Q6236 OSRAM-Q62703-Q6236 Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
More results

Similar Description - Q62703-Q67

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com