Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA94 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBTA94
Description  HIGH VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA94 Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBTA94_10 Datasheet HTML 1Page - Unisonic Technologies MMBTA94_10 Datasheet HTML 2Page - Unisonic Technologies MMBTA94_10 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMBTA94
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-008,E
TYPICAL CHARACTERISTICS
-1
-10
-100
-1000
1
10
100
1000
Collector Current, IC(mA)
DC Current Gain
Collector Current, IC(mA)
-1
-10
-100
-1000
Collector Current, IC(mA)
-1
-10
-100
-0.01
-0.1
-1.0
-10
-0.01
-0.1
-1.0
-10
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Collector Output capacitance
1
10
100
1000
-100
-10
-1
-0.1
Collector Base Voltage (V)
VCE=-10V
IC=10×IB
IC=10×IB
IE=0
f=1MHz
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - MMBTA94_10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBTA94 KEXIN-MMBTA94_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
MMBTA94 SECOS-MMBTA94_15 Datasheet
273Kb / 2P
   Epitaxial Transistor
logo
SHENZHEN YONGERJIA INDU...
MMBTA94 WINNERJOIN-MMBTA94_15 Datasheet
131Kb / 1P
   PNP TRANSISTOR
logo
Unisonic Technologies
MMBTA94 UTC-MMBTA94_15 Datasheet
132Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Diotec Semiconductor
MMBTA94 DIOTEC-MMBTA94_15 Datasheet
107Kb / 2P
   Surface mount High Voltage Transistors
More results

Similar Description - MMBTA94_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com