Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62705-K251 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62705-K251
Description  Silicon Spreading Resistance Temperature Sensor in Surface Mount Technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62705-K251 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62705-K251 Datasheet HTML 1Page - Siemens Semiconductor Group Q62705-K251 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KT 130, KT 230,
KTY 13, KTY 23
Semiconductor Group
2
Package Outline
Electrical Characteristics
at
T
A = 25 ˚C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Temperature sensor resistance IB = 1 mA
KT 130
KTY 13-5
KTY 13-6
KTY 13-7
KT 230
KTY 23-5
KTY 23-6
KTY 23-7
R
25
1940
1950
1980
2010
970
975
990
1005
2060
1990
2020
2050
1030
995
1010
1025
Thermal time constant (63% of
T
A)
in still air
in still oil (Freon FC40/PP7)
τ
air
τ
oil
7
1
s
SOT-23 (SMD)
Weight approx. 0.01 g
Dimensions in mm
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.
SMD = Surface Mounted Device


Similar Part No. - Q62705-K251

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62705-K258 SIEMENS-Q62705-K258 Datasheet
12Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
Q62705-K259 SIEMENS-Q62705-K259 Datasheet
12Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
More results

Similar Description - Q62705-K251

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KT100 SIEMENS-KT100 Datasheet
34Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
KTY16-6 SIEMENS-KTY16-6 Datasheet
20Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Miniature Metal Housing
KTY19- SIEMENS-KTY19- Datasheet
56Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
KT110 SIEMENS-KT110 Datasheet
12Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
logo
Diotec Semiconductor
ZMY1G DIOTEC-ZMY1G Datasheet
56Kb / 2P
   Surface mount Silicon-Zener Diodes (planar technology)
logo
TE Connectivity Ltd
108-32063 TEC-108-32063 Datasheet
415Kb / 5P
   Surface Mount Technology (SMT) Releasable Poke-In Connectors
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
ZMY1 DIOTEC-ZMY1 Datasheet
57Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com