Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N80L-TF1-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 10N80L-TF1-T
Description  10A, 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N80L-TF1-T Datasheet(HTML) 6 Page - Unisonic Technologies

  10N80L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 10N80L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 10N80L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 10N80L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 10N80L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 10N80L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-218.F
TYPICAL CHARACTERISTICS
200
0
0
2
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage,VSD (mV)
800
400
600
6
8
Drain-Source On-State
Resistance Characteristics
Drain to Source Voltage, VDS (V)
1000
4
10
1
0
0
0.5
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage,VTH (V)
2.5
1
1.5
2
3
Drain Current vs. Drain-Source
Breakdown Voltage
0
0
50
Drain-Source Breakdown Voltage,BVDSS(V)
600
250
200
100
150
200
300
400
800
350
400
24
3
1000
1
0
0
1
4
23
3
4
5
2
5
VGS=10V,
ID=5A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 10N80L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80L-TF1-T UTC-10N80L-TF1-T Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N80L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ10N80 DGNJDZ-NJ10N80 Datasheet
748Kb / 6P
   10A 800V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STU10NB80 STMICROELECTRONICS-STU10NB80 Datasheet
44Kb / 5P
   N - CHANNEL 800V - 0.65ohm - 10A - Max220 PowerMESHO MOSFET
logo
Rohm
R8010ANX ROHM-R8010ANX Datasheet
885Kb / 14P
   Nch 800V 10A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com