Electronic Components Datasheet Search |
|
LR11160.8AG-XX-AB3-C-R Datasheet(PDF) 5 Page - Unisonic Technologies |
|
LR11160.8AG-XX-AB3-C-R Datasheet(HTML) 5 Page - Unisonic Technologies |
5 / 9 page LR1116/B LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 9 www.unisonic.com.tw QW-R102-022.O ELECTRICAL CHARACTERISTICS (Cont.) For LR1116/B-1.5V PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=VOUT+1.5V, IOUT=10mA, TJ=25 ℃ 1% 1.485 1.5 1.515 V 2% 1.470 1.530 Output Voltage VOUT VIN =(VOUT+2V)~15V LR1116 : IOUT=0 to 800mA LR1116B : IOUT=0 to 500mA 1.470 1.5 1.530 V Line Regulation ΔVOUT VIN =(VOUT+2V)~15V, IOUT =0mA 0.1 0.6 % Load Regulation ΔVOUT VIN =VOUT+2V LR1116 : IOUT=0 to 800mA LR1116B : IOUT=0 to 500mA 2 3 % Temperature Stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ=125℃ 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current ID VIN≤10V 5 10 mA Output Current IOUT VIN=VOUT+4.5V, TJ=25 ℃ 800 950 1200 mA Output Noise Voltage eN B=10Hz~10KHz, TJ=25 ℃ 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25 ℃ VIN=VOUT+2.5V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT= 100mA 0.6 0.75 V IOUT= 500mA 0.80 0.95 V IOUT= 800mA(only for LR1116) 0.95 1.1 V Thermal Regulation TA=25 ℃, 30ms Pulse 0.01 0.10 %/W For LR1116/B-1.8V PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=VOUT+1.5V, IOUT=10mA, TJ=25 ℃ 1% 1.782 1.8 1.818 V 2% 1.764 1.836 Output Voltage VOUT VIN =(VOUT+2V)~15V LR1116 : IOUT=0 to 800mA LR1116B : IOUT=0 to 500mA 1.764 1.8 1.836 V Line Regulation ΔVOUT VIN =(VOUT+2V)~15V, IOUT =0mA 0.1 0.6 % Load Regulation ΔVOUT VIN =VOUT+2V LR1116 : IOUT=0 to 800mA LR1116B : IOUT=0 to 500mA 2 3 % Temperature Stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ=125℃ 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current ID VIN≤10V 5 10 mA Output Current IOUT VIN=VOUT+4.5V, TJ=25 ℃ 800 950 1200 mA Output Noise Voltage eN B=10Hz~10KHz, TJ=25 ℃ 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25 ℃ VIN=VOUT+2.5V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT= 100mA 0.4 0.5 V IOUT= 500mA 0.6 0.8 V IOUT= 800mA(only for LR1116) 0.8 0.95 V Thermal Regulation TA=25 ℃, 30ms Pulse 0.01 0.10 %/W |
Similar Part No. - LR11160.8AG-XX-AB3-C-R |
|
Similar Description - LR11160.8AG-XX-AB3-C-R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |