Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11N50G-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 11N50G-TA3-T
Description  11A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

11N50G-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  11N50G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 11N50G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 11N50G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 11N50G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 11N50G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 11N50G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
11N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-462.c
11A, 500V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 11N50 is an N-channel enhancement mode power
MOSFET. It uses UTC advanced planar stripe, DMOS technology to
provide customers perfect switching performance, minimal on-state
resistance. It also can withstand high energy pulse in the avalanche
and commutation mode.
The UTC 11N50 is universally applied in electronic lamp
ballasts based on half bridge topology, high efficiency switched
mode power supplies, active power factor correction, etc.
FEATURES
* RDS(ON)=0.55Ω @ VGS=10V
* Fast Switching
* With 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
11N50L-TA3-T
11N50G-TA3-T
TO-220
G
D
S
Tube
11N50L-TF1-T
11N50G-TF1-T
TO-220F1
G
D
S
Tube
11N50L-TF3-T
11N50G-TF3-T
TO-220F
G
D
S
Tube


Similar Part No. - 11N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N50G-TA3-T UTC-11N50G-TA3-T Datasheet
177Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 11N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Rohm
R5011FNJ ROHM-R5011FNJ Datasheet
3Mb / 14P
   Nch 500V 11A Power MOSFET
logo
Unisonic Technologies
11N80 UTC-11N80 Datasheet
165Kb / 4P
   11A, 812V N-CHANNEL POWER MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
   600V, 11A N-Channel UltraMOS??Power MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com