Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1027SCG55 Datasheet(PDF) 11 Page - Brilliance Semiconductor

Part # BS62LV1027SCG55
Description  Very Low Power CMOS SRAM 128K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1027SCG55 Datasheet(HTML) 11 Page - Brilliance Semiconductor

Back Button BS62LV1027SCG55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 10Page - Brilliance Semiconductor BS62LV1027SCG55 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
BS62LV1027
R0201-BS62LV1027
Revision
2.4
Oct.
2008
11
Revision History
Revision No.
History
Draft Date
Remark
2.2
Add Icc1 characteristic parameter
Jan. 13, 2006
Improve Iccsb1 spec.
I-grade from 20uA to 5.0uA at 5.0V
2.5uA to 1.5uA at 3.0V
C-grade from 8.0uA to 3.0uA at 5.0V
1.3uA to 1.0uA at 3.0V
2.3
Change I-grade operation temperature range
May. 25, 2006
- from –25OC to –40OC
2.4
Typical value of standby current is replaced by
Oct. 31, 2008
maximum value in Featues and Description
section
Remove “-: Normal” (Leaded) PKG Material in
ordering information
Remove BGA Package


Similar Part No. - BS62LV1027SCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027SCG55 BSI-BS62LV1027SCG55 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
BS62LV1027SCG55 BSI-BS62LV1027SCG55 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1027SCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_08 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com