Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV8001FIG55 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV8001FIG55
Description  Very Low Power CMOS SRAM 1M X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV8001FIG55 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV8001FIG55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV8001FIG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BS62LV8001
R0201-BS62LV8001
Revision
2.4
Oct.
2008
4
LOW VCC DATA RETENTION WAVEFORM (2) (CE2 Controlled)
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ
CL = 5pF+1TTL
Output Load
Others
CL = 30pF+1TTL
1. Including jig and scope capacitance.
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM “H” TO “L”
WILL BE CHANGE
FROM “H” TO “L”
MAY CHANGE
FROM “L” TO “H”
WILL BE CHANGE
FROM “L” TO “H”
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
AC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
READ CYCLE
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
CYCLE TIME : 55ns
(VCC = 3.0~5.5V)
MIN. TYP. MAX.
CYCLE TIME : 70ns
(VCC = 2.7~5.5V)
MIN. TYP. MAX.
UNITS
tAVAX
tRC
Read Cycle Time
55
--
--
70
--
--
ns
tAVQX
tAA
Address Access Time
--
--
55
--
--
70
ns
tE1LQV
tACS1
Chip Select Access Time
(CE1)
--
--
55
--
--
70
ns
tE2HQV
tACS2
Chip Select Access Time
(CE2)
--
--
55
--
--
70
ns
tGLQV
tOE
Output Enable to Output Valid
--
--
25
--
--
30
ns
tE1LQX
tCLZ1
Chip Select to Output Low Z
(CE1)
10
--
--
10
--
--
ns
tE2HQX
tCLZ2
Chip Select to Output Low Z
(CE2)
10
--
--
10
--
--
ns
tGLQX
tOLZ
Output Enable to Output Low Z
10
--
--
10
--
--
ns
tE1HQZ
tCHZ1
Chip Select to Output High Z
(CE1)
--
--
30
--
--
35
ns
tE2LQZ
tCHZ2
Chip Select to Output High Z
(CE2)
--
--
30
--
--
35
ns
tGHQZ
tOHZ
Output Enable to Output High Z
--
--
25
--
--
30
ns
tAVQX
tOH
Data Hold from Address Change
10
--
--
10
--
--
ns
CE2
Data Retention Mode
VCC
tCDR
VCC
tR
VIL
VIL
VCC
VDR≧1.5V
CE2≦0.2V
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time :
1V/ns
Fall Time :
1V/ns
90%
→ ←
10%
10%


Similar Part No. - BS62LV8001FIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8001FIG55 BSI-BS62LV8001FIG55 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001FIG55 BSI-BS62LV8001FIG55 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
More results

Similar Description - BS62LV8001FIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com