Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1611FIG55 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS616LV1611FIG55
Description  Very Low Power CMOS SRAM 1M X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1611FIG55 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS616LV1611FIG55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1611FIG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BS616LV1611
R0201-BS616LV1611
Revision
2.4
Oct.
2008
2
PIN DESCRIPTIONS
Name
Function
A0-A19 Address Input
These 20 address inputs select one of the 1,048,576 x 16 bit in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read form or write to the device. If either chip enable is not active, the device is
deselected and is in standby power mode. The DQ pins will be in the high impedance
state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impendence state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
DQ0-DQ15 Data Input/Output
Ports
16 bi-directional ports are used to read data from or write data into the RAM.
VCC
Power Supply
VSS
Ground
TRUTH TABLE
MODE
CE1
CE2
WE
OE
LB
UB
DQ0~DQ7 DQ8~DQ15 VCC CURRENT
H
X
X
X
X
X
High Z
High Z
ICCSB, ICCSB1
X
L
X
X
X
X
High Z
High Z
ICCSB, ICCSB1
Chip De-selected
(Power Down)
X
X
X
X
H
H
High Z
High Z
ICCSB, ICCSB1
L
H
H
H
L
X
High Z
High Z
ICC
Output Disabled
L
H
H
H
X
L
High Z
High Z
ICC
L
L
DOUT
DOUT
ICC
H
L
High Z
DOUT
ICC
Read
L
H
H
L
L
H
DOUT
High Z
ICC
L
L
DIN
DIN
ICC
H
L
X
DIN
ICC
Write
L
H
L
X
L
H
DIN
X
ICC
NOTES: H means VIH; L means VIL; X means don’t care (Must be VIH or VIL state)


Similar Part No. - BS616LV1611FIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1611FIG55 BSI-BS616LV1611FIG55 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results

Similar Description - BS616LV1611FIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com