Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N50L-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 12N50L-TA3-T
Description  12A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N50L-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  12N50L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 12N50L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 12N50L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 12N50L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 12N50L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 12N50L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
12N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-528.c
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
10
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6A
0.42 0.54
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1450 1930 pF
Output Capacitance
COSS
198 265
pF
Reverse Transfer Capacitance
CRSS
14.5
22
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=400V, ID=12A
(Note 1, 2)
30
39
nC
Gate to Source Charge
QGS
8
nC
Gate to Drain Charge
QGD
12
nC
Turn-ON Delay Time
tD(ON)
VDD=250V, ID=12A, RG=25Ω
(Note 1, 2)
28
65
ns
Rise Time
tR
54
120
ns
Turn-OFF Delay Time
tD(OFF)
75
160
ns
Fall-Time
tF
47
105
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
12
A
Maximum Body-Diode Pulsed Current
ISM
48
A
Drain-Source Diode Forward Voltage
VSD
IS=12A, VGS=0V
1.5
V
Body Diode Reverse Recovery Time
trr
IS=12A, VGS=0V, dIF/dt=100A/µs
(Note 1)
154
ns
Body Diode Reverse Recovery Charge
QRR
0.45
µC
Note:
1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 12N50L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N50L-TA3-T UTC-12N50L-TA3-T Datasheet
171Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50L-TA3-T UTC-12N50L-TA3-T Datasheet
214Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 12N50L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
AOW12N50 AOSMD-AOW12N50 Datasheet
287Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
   500V, 12A N-Channel MOSFET
logo
First Components Intern...
FMDT12N500 FCI-FMDT12N500 Datasheet
188Kb / 5P
   12A 500V N-Channel Polar HVTM Power MOSFET
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP13N50F FAIRCHILD-FDP13N50F_12 Datasheet
414Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com