Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N60L-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12N60L-TA3-T
Description  12A, 600V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N60L-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  12N60L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 12N60L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 12N60L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 12N60L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 12N60L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 12N60L-TA3-T Datasheet HTML 6Page - Unisonic Technologies 12N60L-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12N60
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-170.I
12A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 12N60 are N-Channel enhancement mode power
field effect transistors (MOSFET) which are produced using UTC’s
proprietary, planar stripe, DMOS technology.
These devices are suited for high efficiency switch mode
power supply. To minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the
avalanche and commutation mode the advanced technology has
been especially tailored.
FEATURES
* RDS(ON) = 0.8Ω @VGS = 10 V
* Ultra low gate charge ( typical 42 nC )
* Low reverse transfer capacitance ( CRSS = typical 25 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
1
TO-220F1
TO-262
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
12N60L-TA3-T
12N60G-TA3-T
TO-220
G
D
S
Tube
12N60L-TF1-T
12N60G-TF1-T
TO-220F1
G
D
S
Tube
12N60L-TF3-T
12N60G-TF3-T
TO-220F
G
D
S
Tube
12N60L-T2Q-T
12N60G-T2Q-T
TO-262
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 12N60L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N60L-TA3-T UTC-12N60L-TA3-T Datasheet
379Kb / 8P
   N-CHANNEL JUNCTION FET
logo
VBsemi Electronics Co.,...
12N60L-TA3-T VBSEMI-12N60L-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 12N60L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Alpha & Omega Semicondu...
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
   600V, 12A N-Channel MOSFET
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
   600V, 12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
   600V,12A N-Channel MOSFET
AOB12T60P AOSMD-AOB12T60P Datasheet
494Kb / 7P
   600V,12A N-Channel MOSFET
AOWF12T60 AOSMD-AOWF12T60 Datasheet
230Kb / 6P
   600V,12A N-Channel MOSFET
AOW12N60 AOSMD-AOW12N60 Datasheet
268Kb / 6P
   600V,12A N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
F12N60 WXDH-F12N60 Datasheet
898Kb / 11P
   12A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com