Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1010DIP55 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS616LV1010DIP55
Description  Very Low Power CMOS SRAM 64K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1010DIP55 Datasheet(HTML) 7 Page - Brilliance Semiconductor

Back Button BS616LV1010DIP55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 10Page - Brilliance Semiconductor BS616LV1010DIP55 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BS616LV1010
R0201-BS616LV1010
Revision
2.7
Oct.
2008
7
AC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
WRITE CYCLE
CYCLE TIME : 55ns
(VCC=2.7~5.5V)
CYCLE TIME : 70ns
(VCC=2.4~5.5V)
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
tAVAX
tWC
Write Cycle Time
55
--
--
70
--
--
ns
tAVWL
tAS
Address Set up Time
0
--
--
0
--
--
ns
tAVWH
tAW
Address Valid to End of Write
55
--
--
70
--
--
ns
tELWH
tCW
Chip Select to End of Write
(CE)
55
--
--
70
--
--
ns
tBLWH
tBW
Data Byte Control to End of Write
(LB, UB)
25
--
--
30
--
--
ns
tWLWH
tWP
Write Pulse Width
30
--
--
35
--
--
ns
tWHAX
tWR
Write Recovery Time
(CE, WE)
0
--
--
0
--
--
ns
tWLQZ
tWHZ
Write to Output High Z
--
--
25
--
--
30
ns
tDVWH
tDW
Data to Write Time Overlap
25
--
--
30
--
--
ns
tWHDX
tDH
Data Hold from Write Time
0
--
--
0
--
--
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
tWHQX
tOW
End of Write to Output Active
5
--
--
5
--
--
ns
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE 1
(1)
tWC
tWR1
(3)
tCW
(11)
tWP
(2)
tAW
tOHZ
(4,10)
tAS
tWR2
(3)
tDH
tDW
DIN
DOUT
WE
LB, UB
CE
OE
ADDRESS
(5)
tBW


Similar Part No. - BS616LV1010DIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010DIP55 BSI-BS616LV1010DIP55 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010DIP55 BSI-BS616LV1010DIP55 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV1010DIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com