Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N60G-TF1-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 12N60G-TF1-T
Description  12A, 600V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N60G-TF1-T Datasheet(HTML) 3 Page - Unisonic Technologies

  12N60G-TF1-T Datasheet HTML 1Page - Unisonic Technologies 12N60G-TF1-T Datasheet HTML 2Page - Unisonic Technologies 12N60G-TF1-T Datasheet HTML 3Page - Unisonic Technologies 12N60G-TF1-T Datasheet HTML 4Page - Unisonic Technologies 12N60G-TF1-T Datasheet HTML 5Page - Unisonic Technologies 12N60G-TF1-T Datasheet HTML 6Page - Unisonic Technologies 12N60G-TF1-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-170.I
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 300V, ID = 12A,
RG = 25Ω (Note 1, 2)
30
70
ns
Turn-On Rise Time
tR
115
240
ns
Turn-Off Delay Time
tD(OFF)
95
200
ns
Turn-Off Fall Time
tF
85
180
ns
Total Gate Charge
QG
VDS= 480V,ID= 12A,
VGS= 10 V (Note 1, 2)
42
54
nC
Gate-Source Charge
QGS
8.6
nC
Gate-Drain Charge
QGD
21
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 12A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
12
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
48
A
Reverse Recovery Time
trr
VGS = 0 V, IS = 12A,
dIF/dt = 100 A/µs (Note 1)
380
ns
Reverse Recovery Charge
QRR
3.5
µC
Notes: 1. Pulse Test : Pulse width ≤300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature.


Similar Part No. - 12N60G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N60G-TF1-T UTC-12N60G-TF1-T Datasheet
379Kb / 8P
   N-CHANNEL JUNCTION FET
More results

Similar Description - 12N60G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Alpha & Omega Semicondu...
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
   600V, 12A N-Channel MOSFET
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
   600V, 12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
   600V,12A N-Channel MOSFET
AOB12T60P AOSMD-AOB12T60P Datasheet
494Kb / 7P
   600V,12A N-Channel MOSFET
AOWF12T60 AOSMD-AOWF12T60 Datasheet
230Kb / 6P
   600V,12A N-Channel MOSFET
AOW12N60 AOSMD-AOW12N60 Datasheet
268Kb / 6P
   600V,12A N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
F12N60 WXDH-F12N60 Datasheet
898Kb / 11P
   12A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com