Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2019DIG70 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV2019DIG70
Description  Very Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2019DIG70 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616LV2019DIG70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 10Page - Brilliance Semiconductor BS616LV2019DIG70 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BS616LV2019
R0201-BS616LV2019
Revision
1.4
Oct.
2008
8
WRITE CYCLE 2
(1,6)
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE and CE2 active and WE
low. All signals must be active to initiate a write and any one signal can terminate a write by
going inactive. The data input setup and hold timing should be referenced to the second
transition edge of the signal that terminates the write.
3. tWR is measured from the earlier of CE or WE going high or CE2 going low at the end of write
cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase to
the outputs must not be applied.
5. If the CE low transition or the CE2 high transition occurs simultaneously with the WE low
transitions or after the WE transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE is low and CE2 is high during this period, DQ pins are in the output state. Then the data
input signals of opposite phase to the outputs must not be applied to them.
10.Transition is measured ± 500mV from steady state with CL = 5pF.
The parameter is guaranteed but not 100% tested.
11.tCW is measured from the later of CE going low or CE2 going high to the end of write.
12.48B BGA ignore this parameters related to CE2.
tWC
tCW
(11)
tWP
(2)
tAW
tWHZ
(4,10)
tAS
tWR
(3)
tDH
tDW
DIN
DOUT
WE
LB, UB
CE
ADDRESS
(5)
tOW
(7)
(8)
(8,9)
tBW
(5)
CE2
(5,12)


Similar Part No. - BS616LV2019DIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2019DIG70 BSI-BS616LV2019DIG70 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019DIG70 BSI-BS616LV2019DIG70 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019DIG70 BSI-BS616LV2019DIG70 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616LV2019DIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com