Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1010AIP75 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV1010AIP75
Description  Very Low Power CMOS SRAM 64K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1010AIP75 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616LV1010AIP75 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 10Page - Brilliance Semiconductor BS616LV1010AIP75 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BS616LV1010
R0201-BS616LV1010
Revision
2.7
Oct.
2008
8
WRITE CYCLE 2
(1,6)
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE and WE low. All
signals must be active to initiate a write and any one signal can terminate a write by going
inactive. The data input setup and hold timing should be referenced to the second transition
edge of the signal that terminates the write.
3. tWR is measured from the earlier of CE or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite
phase to the outputs must not be applied.
5. If the CE low transition occurs simultaneously with the WE low transitions or after the WE
transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE is low during this period, DQ pins are in the output state. Then the data input signals
of opposite phase to the outputs must not be applied to them.
10.Transition is measured
± 500mV from steady state with C
L = 5pF.
The parameter is guaranteed but not 100% tested.
11.tCW is measured from the later of CE going low to the end of write.
12.The change of Read/Write cycle must accompany with CE or address toggled.
tWC
tCW
(11)
tWP
(2)
tAW
tWHZ
(4,10)
tAS
tWR2
(3)
tDH
tDW
DIN
DOUT
WE
LB, UB
CE
ADDRESS
(5)
tOW
(7)
(8)
(8,9)
tBW
(12)


Similar Part No. - BS616LV1010AIP75

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010AIP70 BSI-BS616LV1010AIP70 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010AIP70 BSI-BS616LV1010AIP70 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV1010AIP75

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com