Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2019ACG85 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616UV2019ACG85
Description  Ultra Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2019ACG85 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616UV2019ACG85 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2019ACG85 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ultra Low Power CMOS SRAM
128K X 16 bit
BS616UV2019
R0201-BS616UV2019
Revision
1.4
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC low operation voltage :
C-grade : 1.8V ~ 3.6V
I-grade : 1.9V ~ 3.6V
Ultra low power consumption :
VCC = 2.0V
Operation current : 10mA (Max.) at 85ns
1mA (Max.) at 1MHz
Standby current :
2/3uA (Max.) at 70/85
OC
VCC = 3.0V
Operation current : 13mA (Max.) at 85ns
2mA (Max.) at 1MHz
Standby current :
3/5uA (Max.) at 70/85
OC
High speed access time :
-85
85ns (Max.)
-10
100ns (Max.)
Automatic power down when chip is deselected
Easy expansion with CE and OE options
I/O Configuration x8/x16 selectable by LB and UB pin.
Three state outputs and TTL compatible
Fully static operation
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS616UV2019 is a high performance, ultra low power CMOS
Static Random Access Memory organized as 131,072 by 16 bits and
operates form a wide range of 1.8V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 3/5uA at Vcc=2/3V at 85
OC and maximum access time of
85/100ns.
Easy memory expansion is provided by an active LOW chip enable
(CE) and active LOW output enable (OE) and three-state output
drivers.
The BS616UV2019 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS616UV2019 is available in DICE form, JEDEC standard
48-pin TSOP Type I package and 48-ball BGA package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=3.0V
VCC=2.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=3.0V
VCC=2.0V
1MHz
fMax.
1MHz
fMax.
PKG TYPE
BS616UV2019DC
DICE
BS616UV2019AC
BGA-48-0608
BS616UV2019TC
Commercial
+0
OC to +70OC
3.0uA
2.0uA
1.5mA
11mA
0.8mA
8mA
TSOP I-48
BS616UV2019AI
BGA-48-0608
BS616UV2019TI
Industrial
-40
OC to +85OC
5.0uA
3.0uA
2.0mA
13mA
1.0mA
10mA
TSOP I-48
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
NC
A12
A14
A13
A15
WE
D13
D5
D7
D6
NC
A16
A7
VSS
VCC
D12
D11
D4
D3
NC
A5
OE
A3
A0
A6
A4
A1
A2
NC
UB
D10
D1
CE
D2
D0
48-ball BGA top view
LB
D8
D9
VSS
VCC
D14
D15
NC
NC
A8
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A0
A2
A3
A4
Data
Input
Buffer
Control
DQ0
.
.
.
.
.
.
DQ15
A6
A7
A8
A9
A10
A11
A15
A14
A13
A12
16
16
16
16
7
128
2048
1024
10
A16
Data
Output
Buffer
A1
CE2,CE
WE
OE
UB
LB
VCC
VSS
A5
.
.
.
.
.
.
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
CE2
NC
UB
LB
NC
NC
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
BS616UV2019TC
BS616UV2019TI
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A16
NC
GND
DQ15
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
GND
CE
A0


Similar Part No. - BS616UV2019ACG85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019ACG85 BSI-BS616UV2019ACG85 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019ACG85 BSI-BS616UV2019ACG85 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2019ACG85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com