Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4006EIG70 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV4006EIG70
Description  Very Low Power CMOS SRAM 512K X 8 bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4006EIG70 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV4006EIG70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4006EIG70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BS62LV4006
R0201-BS62LV4006
Revision
1.5
Oct.
2008
4
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ
CL = 5pF+1TTL
Output Load
Others
CL = 30pF+1TTL
1. Including jig and scope capacitance.
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM “H” TO “L”
WILL BE CHANGE
FROM “H” TO “L”
MAY CHANGE
FROM “L” TO “H”
WILL BE CHANGE
FROM “L” TO “H”
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
AC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
READ CYCLE
CYCLE TIME : 55ns
(VCC = 3.0~5.5V)
CYCLE TIME : 70ns
(VCC = 2.7~5.5V)
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
tAVAX
tRC
Read Cycle Time
55
--
--
70
--
--
ns
tAVQX
tAA
Address Access Time
--
--
55
--
--
70
ns
tE1LQV
tACS
Chip Select Access Time
--
--
55
--
--
70
ns
tGLQV
tOE
Output Enable to Output Valid
--
--
30
--
--
35
ns
tE1LQX
tCLZ
Chip Select to Output Low Z
10
--
--
10
--
--
ns
tGLQX
tOLZ
Output Enable to Output Low Z
5
--
--
5
--
--
ns
tE1HQZ
tCHZ
Chip Select to Output High Z
--
--
30
--
--
35
ns
tGHQZ
tOHZ
Output Enable to Output High Z
--
--
25
--
--
30
ns
tAVQX
tOH
Data Hold from Address Change
10
--
--
10
--
--
ns
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time :
1V/ns
Fall Time :
1V/ns
90%
→ ←
10%
10%


Similar Part No. - BS62LV4006EIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4006EIG70 BSI-BS62LV4006EIG70 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006EIG70 BSI-BS62LV4006EIG70 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4006EIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4007 BSI-BS62LV4007 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4008 BSI-BS62LV4008 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_08 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com