Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA05 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MPSA05
Description  NPN MPSA05 PNP MPSA55
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA05 Datasheet(HTML) 3 Page - Unisonic Technologies

  MPSA05 Datasheet HTML 1Page - Unisonic Technologies MPSA05 Datasheet HTML 2Page - Unisonic Technologies MPSA05 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MPSA05/55
AMPLIFIER TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R201-034.Ba
SWITCHING TIME TEST CIRCUIT
Figure 1. (Note: Total shunt capacitance of test jig and connectors for PNP test circuits, reverse all voltage polarities.)
TURN-ON TIME
5.0µs
+10V
0
tr=3.0ns
VIN
5.0µF
100
RB
100
-1.0V
VCC
+40V
RL
OUTPUT
S
6.0pF
TURN-OFF TIME
5.0µs
tr=3.0ns
VIN
5.0µF
100
RB
100
+VBB
VCC
+40V
RL
OUTPUT
S
6.0pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA05 MOTOROLA-MPSA05 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
SeCoS Halbleitertechnol...
MPSA05 SECOS-MPSA05 Datasheet
66Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
logo
Micro Commercial Compon...
MPSA05 MCC-MPSA05 Datasheet
258Kb / 2P
   NPN General Purpose Amplifier
logo
Transys Electronics
MPSA05 TRSYS-MPSA05 Datasheet
151Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - MPSA05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX53 ETC-BDX53 Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Sanken electric
SMA6511 SANKEN-SMA6511 Datasheet
47Kb / 2P
   PNP NPN Darlington
logo
Solid States Devices, I...
TR0036 SSDI-TR0036 Datasheet
163Kb / 2P
   NPN/PNP Transistor
logo
Sanyo Semicon Device
2SA1781 SANYO-2SA1781 Datasheet
168Kb / 4P
   PNP / NPN Transistor
logo
Sanken electric
SLA8001 SANKEN-SLA8001 Datasheet
29Kb / 2P
   PNP NPN H-bridge
logo
Jiangsu Changjiang Elec...
MMDT3946 JIANGSU-MMDT3946 Datasheet
298Kb / 4P
   DUAL TRANSISTOR (NPNPNP)
EMY1 JIANGSU-EMY1 Datasheet
754Kb / 4P
   Dual Transistors (PNPNPN)
BC847PN JIANGSU-BC847PN Datasheet
1Mb / 6P
   DUAL TRANSISTOR (NPNPNP)
logo
STMicroelectronics
TIP41CN STMICROELECTRONICS-TIP41CN Datasheet
297Kb / 8P
   COMPLEMENTARY PNP-NPN DEVICES
May 2005 Rev. 1
logo
Shenzhen Jin Yu Semicon...
EMD3 HTSEMI-EMD3 Datasheet
729Kb / 1P
   DIGITAL TRANSISTOR (NPN PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com