Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N80L-TF1-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 12N80L-TF1-T
Description  12A, 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N80L-TF1-T Datasheet(HTML) 3 Page - Unisonic Technologies

  12N80L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 12N80L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 12N80L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 12N80L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 12N80L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 12N80L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
12N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-594.b
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
800
V
Breakdown Voltage Temperature Coefficient
BV
DSS/T
J ID=250µA, Referenced to 25°C
1.0
V/°C
VDS=800V, VGS=0V
10
Drain-Source Leakage Current
IDSS
VDS=640V, TC=125°C
100
µA
Forward
VGS=+30V, VDS=0V
100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6A
0.75 0.9
DYNAMIC PARAMETERS
Input Capacitance
CISS
4200
pF
Output Capacitance
COSS
315
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
90
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
123 155
nC
Gate to Source Charge
QGS
27
45
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=640V, ID=12A
(Note 1, 2)
49
80
nC
Turn-ON Delay Time
tD(ON)
18
50
ns
Rise Time
tR
12
50
ns
Turn-OFF Delay Time
tD(OFF)
51
100
ns
Fall-Time
tF
VDD=400V, ID=12A, RG=25Ω
(Note 1, 2)
18
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
12
A
Maximum Body-Diode Pulsed Current
ISM
48
A
Drain-Source Diode Forward Voltage
VSD
IS=12A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
1000
ns
Body Diode Reverse Recovery Charge
QRR
VGS=0V, IS=12A, dIF/dt=100A/µs
(Note 1)
17.0
µC
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 12N80L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N80L-TF1-T UTC-12N80L-TF1-T Datasheet
220Kb / 6P
   12A, 800V N-CHANNEL POWER MOSFET
More results

Similar Description - 12N80L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N70 UTC-12N70_11 Datasheet
220Kb / 6P
   12A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
logo
STMicroelectronics
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
   N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com