Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2019DCP85 Datasheet(PDF) 5 Page - Brilliance Semiconductor

Part # BS616UV2019DCP85
Description  Ultra Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2019DCP85 Datasheet(HTML) 5 Page - Brilliance Semiconductor

  BS616UV2019DCP85 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2019DCP85 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BS616UV2019
R0201-BS616UV2019
Revision
1.4
Oct.
2008
5
AC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
READ CYCLE
CYCLE TIME : 85ns
(VCC=1.9~3.6V)
CYCLE TIME : 100ns
(VCC=1.9~3.6V)
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
tAVAX
tRC
Read Cycle Time
85
--
--
100
--
--
ns
tAVQX
tAA
Address Access Time
--
--
85
--
--
100
ns
tELQV1
tACS1
Chip Select Access Time
(CE)
--
--
85
--
--
100
ns
tELQV2
tACS2
Chip Select Access Time
(CE2)
--
--
85
--
--
100
ns
tBLQV
tBA
Data Byte Control Access Time
(LB, UB)
--
--
85
--
--
100
ns
tGLQV
tOE
Output Enable to Output Valid
--
--
40
--
--
50
ns
tELQX1
tCLZ1
Chip Select to Output Low Z
(CE)
15
--
--
15
--
--
ns
tELQX2
tCLZ2
Chip Select to Output Low Z
(CE2)
15
--
--
15
--
--
ns
tBLQX
tBE
Data Byte Control to Output Low Z
(LB, UB)
15
--
--
15
--
--
ns
tGLQX
tOLZ
Output Enable to Output Low Z
15
--
--
15
--
--
ns
tEHQZ1
tCHZ1
Chip Select to Output High Z
(CE)
--
--
35
--
--
40
ns
tEHQZ2
tCHZ2
Chip Select to Output High Z
(CE2)
--
--
35
--
--
40
ns
tBHQZ
tBDO
Data Byte Control to Output High Z (LB, UB)
--
--
35
--
--
40
ns
tGHQZ
tOHZ
Output Enable to Output High Z
--
--
30
--
--
35
ns
tAVQX
tOH
Data Hold from Address Change
15
--
--
15
--
--
ns
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE 1
(1,2,4)
tRC
tOH
tAA
DOUT
ADDRESS
tOH


Similar Part No. - BS616UV2019DCP85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019DCP85 BSI-BS616UV2019DCP85 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019DCP85 BSI-BS616UV2019DCP85 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2019DCP85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com