Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV4016AIP10 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616UV4016AIP10
Description  Ultra Low Power CMOS SRAM 256K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4016AIP10 Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS616UV4016AIP10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 10Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BS616UV4016
R0201-BS616UV4016
Revision
1.7
Oct.
2008
9
ORDERING INFORMATION
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does
not authorize its products for use as critical components in any application in which the failure of the BSI product may be expected to result
in significant injury or death, including life-support systems and critical medical instruments.
PACKAGE DIMENSIONS
PACKAGE
D: DICE
A: BGA-48-0608
E: TSOPII-44
BS616UV4016
X
X
Z Y Y
GRADE
C: +0
oC ~ +70oC
I: -40
oC ~ +85oC
SPEED
10: 100ns
PKG MATERIAL
G: Green, RoHS Compliant
P: Pb free, RoHS Compliant
TSOP II-44


Similar Part No. - BS616UV4016AIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016AIP10 BSI-BS616UV4016AIP10 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016AIP10 BSI-BS616UV4016AIP10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616UV4016AIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com