Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12P10G-TM3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 12P10G-TM3-T
Description  9.4A, 100V P-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12P10G-TM3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  12P10G-TM3-T Datasheet HTML 1Page - Unisonic Technologies 12P10G-TM3-T Datasheet HTML 2Page - Unisonic Technologies 12P10G-TM3-T Datasheet HTML 3Page - Unisonic Technologies 12P10G-TM3-T Datasheet HTML 4Page - Unisonic Technologies 12P10G-TM3-T Datasheet HTML 5Page - Unisonic Technologies 12P10G-TM3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
12P10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-262.B
TEST CIRCUITS AND WAVEFORMS
L
VDD
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
-
+
Compliment of D.U.T.
(N-Channel)
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 12P10G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10G-TM3-T UTC-12P10G-TM3-T Datasheet
289Kb / 7P
   P-CHANNEL POWER MOSFET
More results

Similar Description - 12P10G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
   -100V P-Channel Power MOSFET
logo
International Rectifier
IRFR IRF-IRFR Datasheet
142Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A)
IRFY9240CM IRF-IRFY9240CM Datasheet
270Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
   70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
   -40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
   -6.8A, -100V P-CHANNEL POWER MOSFET
UT23P09 UTC-UT23P09 Datasheet
171Kb / 6P
   -23A, -100V P-CHANNEL POWER MOSFET
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
   25A, 100V P-CHANNEL POWER MOSFET
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
UTT50P10 UTC-UTT50P10 Datasheet
127Kb / 2P
   -50A, -100V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com