Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13N50G-TF1-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 13N50G-TF1-T
Description  13A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13N50G-TF1-T Datasheet(HTML) 6 Page - Unisonic Technologies

  13N50G-TF1-T Datasheet HTML 1Page - Unisonic Technologies 13N50G-TF1-T Datasheet HTML 2Page - Unisonic Technologies 13N50G-TF1-T Datasheet HTML 3Page - Unisonic Technologies 13N50G-TF1-T Datasheet HTML 4Page - Unisonic Technologies 13N50G-TF1-T Datasheet HTML 5Page - Unisonic Technologies 13N50G-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
13N50
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-362.G
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
Drain-Source Breakdown Voltage, BVDSS(V)
2
0
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
5
3
0
50
100
150
200
250
300
0
100
300
400
500
200
0
50
100
150
200
250
300
600
4
1
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 13N50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50G-TF1-T UTC-13N50G-TF1-T Datasheet
178Kb / 6P
   500V N-CHANNEL MOSFET
More results

Similar Description - 13N50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
   500V, 13A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF13N50F SILAN-SVF13N50F Datasheet
400Kb / 9P
   13A, 500V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM13ND50CI TSC-TSM13ND50CI Datasheet
341Kb / 6P
   N-Channel Power MOSFET 500V, 13A, 0.48廓
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
   500V / 13A N-Channel Enhancement Mode MOSFET
logo
STMicroelectronics
STU13NC50 STMICROELECTRONICS-STU13NC50 Datasheet
258Kb / 8P
   N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh?줚I MOSFET
logo
Unisonic Technologies
UPC8026 UTC-UPC8026 Datasheet
154Kb / 4P
   30V, 13A N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com