Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1696L-XX-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # P1696L-XX-S08-R
Description  200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1696L-XX-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  P1696L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P1696L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P1696L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P1696L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P1696L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P1696L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies P1696L-XX-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P1696
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R103-035,G
FUNCTION DESCRIPTION
The changes of output load can cause the output voltage changes. The changes can be sensed by FB pin.
The output of error amplifier controlling output duty circle makes the output stable.
The P1696 incorporates an over current protection internally. Once the output is in overcurrent, power
transistor must be turned off immediately. In that case, the power transistor will not be damaged by the excessive
current.
If over-load or short-circuit condition happens, the oscillation frequency will be reduced, which make the
power transistor bears less heat, so the power transistor is protected from damage.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - P1696L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696L-XX-S08-R UTC-P1696L-XX-S08-R Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696L-XX-S08-R UTC-P1696L-XX-S08-R Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results

Similar Description - P1696L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
logo
GTM CORPORATION
GSC2596M GTM-GSC2596M Datasheet
648Kb / 6P
   150 KHz, 2A PWM Step-Down DC/DC Converter
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Anachip Corp
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
   200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com