Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q74 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62703-Q74
Description  GaAs-IR-Lumineszenzdioden-Zeilen GaAs Infrared Emitter Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q74 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62703-Q74 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q74 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q74 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q74 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
1997-11-01
GaAs-IR-Lumineszenzdioden-Zeilen
GaAs Infrared Emitter Arrays
Wesentliche Merkmale
q
GaAs-IR-Lumineszenzdiode, hergestellt im
Schmelzepitaxieverfahren
q
Hohe Zuverlässigkeit
q
Gehäusegleich mit BPX 80-Serie
Anwendungen
q
Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
q
Lochstreifenleser
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
GaAs infrared emitting diode, fabricated in a
liquid phase epitaxy process
q
High reliability
q
Same package as BPX 80 series
Applications
q
Miniature photointerrupters
q
Punched tape-readers
q
Industrial electronics
q
For control and drive circuits
LD 260
LD 262 ... LD 269
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
GEO06367
7.4
7.0
0.7
0.6
Collector (BPX 83)
Cathode (LD 263)
2.54 mm
spacing
1.5
2.1
position
Chip
0.25
0.15
0 ... 5
1.4
1.0
A
0.4
0.4
0.5
A


Similar Part No. - Q62703-Q74

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q7891 SIEMENS-Q62703-Q7891 Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results

Similar Description - Q62703-Q74

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH415 SIEMENS-SFH415 Datasheet
47Kb / 5P
   GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
logo
OSRAM GmbH
SFH-4510 OSRAM-SFH-4510 Datasheet
271Kb / 8P
   GaAs-IR-Lumineszenzdioden
LD260 OSRAM-LD260 Datasheet
265Kb / 7P
   GaAs Infrared Emitter Arrays
SFH-415 OSRAM-SFH-415 Datasheet
111Kb / 7P
   GaAs-IR-Lumineszenzdioden
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com