Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22N60 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 22N60
Description  22A, 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N60 Datasheet(HTML) 2 Page - Unisonic Technologies

  22N60_11 Datasheet HTML 1Page - Unisonic Technologies 22N60_11 Datasheet HTML 2Page - Unisonic Technologies 22N60_11 Datasheet HTML 3Page - Unisonic Technologies 22N60_11 Datasheet HTML 4Page - Unisonic Technologies 22N60_11 Datasheet HTML 5Page - Unisonic Technologies 22N60_11 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
22N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-216.F
ABSOLUTE MAXIMUM RATINGS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current
IAR
22
A
Continuous Drain Current
ID
22
A
Pulsed Drain Current (Note 1)
IDM
88
A
Avalanche Energy
Single Pulsed
EAS
380
mJ
Repetitive
EAR
37
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
18
V/ns
Power Dissipation
PD
370
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
40
°C /W
Junction to Case
θJC
0.34
°C /W


Similar Part No. - 22N60_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Similar Description - 22N60_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCA22N60N FAIRCHILD-FCA22N60N Datasheet
532Kb / 8P
   N-Channel MOSFET 600V, 22A, 0.165W
FCP22N60N FAIRCHILD-FCP22N60N Datasheet
763Kb / 10P
   N-Channel MOSFET 600V, 22A, 0.165W
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
   22A, 200V N-CHANNEL POWER MOSFET
22N65 UTC-22N65_11 Datasheet
191Kb / 5P
   22A, 650V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
   Single N-Channel, 30V, 22A, Power MOSFET
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
   500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
   500V,22A N-Channel MOSFET
logo
Intersil Corporation
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com