Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22N65G-T47-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 22N65G-T47-T
Description  22A, 650V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N65G-T47-T Datasheet(HTML) 2 Page - Unisonic Technologies

  22N65G-T47-T Datasheet HTML 1Page - Unisonic Technologies 22N65G-T47-T Datasheet HTML 2Page - Unisonic Technologies 22N65G-T47-T Datasheet HTML 3Page - Unisonic Technologies 22N65G-T47-T Datasheet HTML 4Page - Unisonic Technologies 22N65G-T47-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
22N65
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-466.b
ABSOLUTE MAXIMUM RATINGS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current
IAR
22
A
Continuous Drain Current
ID
22
A
Pulsed Drain Current (Note 1)
IDM
88
A
Avalanche Energy
Single Pulsed
EAS
380
mJ
Repetitive
EAR
37
mJ
Peak Diode Recovery dv/dt (Note 2)
dv/dt
18
V/ns
Power Dissipation
PD
370
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Repetitive rating; pulse width limited by max. junction temperature.
2. ISD ≤ 22A, di/dt ≤540 A/μs, VDD ≤ V(BR)DSS, TJ ≤150°C.
3. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
40
°C /W
Junction to Case
θJC
0.34
°C /W
ELECTRICAL CHARACTERISTICS(TJ=25°C, L=1.5mH,RG=25Ω,IAS =22A,Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
50
µA
Gate- Source Leakage Current
IGSS
VDS=0V, VGS=±30V
±100
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID=1mA, Referenced to 25°C
0.30
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=13A (Note 2)
0.3
0.35
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
3570
pF
Output Capacitance
COSS
350
pF
Reverse Transfer Capacitance
CRSS
36
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=300V, ID=22A, RG=6.2Ω,
VGS=10V (Note 2)
26
ns
Turn-ON Rise Time
tR
99
ns
Turn-OFF Delay Time
tD(OFF)
48
ns
Turn-OFF Fall-Time
tF
37
ns
Total Gate Charge
QG
VDS=480V, VGS=10V, ID=22A
(Note 2)
150
nC
Gate Source Charge
QGS
45
nC
Gate Drain Charge
QGD
76
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=22A
1.5
V
Continuous Source Current (Body Diode)
IS
(Note 1)
22
A
Pulsed Source Current (Body Diode)
ISM
88
A
Reverse Recovery Time
tRR
IS=22A,
di/dt=100A/μs (Note 2)
590
890
ns
Reverse Recovery Charge
QRR
7.2
11
µC
Note: 1.
2.
Repetitive rating; pulse width limited by max. junction temperature.
Pulse Width ≤ 300 s, Duty Cycle ≤ 2%.


Similar Part No. - 22N65G-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N65G-T47-T UTC-22N65G-T47-T Datasheet
191Kb / 5P
   HEXFET POWER MOSFET
22N65G-T47-T UTC-22N65G-T47-T Datasheet
246Kb / 5P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 22N65G-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
   22A, 200V N-CHANNEL POWER MOSFET
22N60 UTC-22N60_11 Datasheet
211Kb / 6P
   22A, 600V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
   Single N-Channel, 30V, 22A, Power MOSFET
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
   500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
   500V,22A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com