Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25N06L-TA3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 25N06L-TA3-T
Description  25A, 60V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N06L-TA3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  25N06L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 25N06L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 25N06L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 25N06L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 25N06L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 25N06L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
25N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-450.b
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 25N06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N06L-TA3-T UTC-25N06L-TA3-T Datasheet
179Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results

Similar Description - 25N06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
   25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
logo
Rohm
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
   Pch -60V -25A Power MOSFET
logo
Fairchild Semiconductor
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP25N06 INTERSIL-RFP25N06 Datasheet
106Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
logo
Unisonic Technologies
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
   25A, 80V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com