Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25N06G-TA3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 25N06G-TA3-T
Description  25A, 60V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N06G-TA3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  25N06G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 25N06G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 25N06G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 25N06G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 25N06G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 25N06G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
25N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-450.b
SWITCHING TIME TEST CIRCUIT
VDD
V(BR)DSS
VD
IDM
ID
VDD
Fig. 2 Unclamped Inductive Waveforms
Fig. 3. Switching Times Test Circuits For Resistive Load
D.U.T.
VD
RL
2200µF
3.3µF
VDD
RG
VGS
PW


Similar Part No. - 25N06G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N06G-TA3-T UTC-25N06G-TA3-T Datasheet
179Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
25N06G-TA3-T VBSEMI-25N06G-TA3-T Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 25N06G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
   25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
logo
Rohm
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
   Pch -60V -25A Power MOSFET
logo
Fairchild Semiconductor
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP25N06 INTERSIL-RFP25N06 Datasheet
106Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
logo
Unisonic Technologies
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
   25A, 80V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com