Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30N06L-TA3-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 30N06L-TA3-T
Description  60V, 30A N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06L-TA3-T Datasheet(HTML) 8 Page - Unisonic Technologies

  30N06L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 30N06L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 30N06L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 30N06L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 30N06L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 30N06L-TA3-T Datasheet HTML 6Page - Unisonic Technologies 30N06L-TA3-T Datasheet HTML 7Page - Unisonic Technologies 30N06L-TA3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
30N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-087.E
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 30N06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06L-TA3-T UTC-30N06L-TA3-T Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06L-TA3-T UTC-30N06L-TA3-T Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06L-TA3-T UTC-30N06L-TA3-T Datasheet
336Kb / 8P
   N-CHANNEL POWER MOSFET
30N06L-TA3-T UTC-30N06L-TA3-T Datasheet
337Kb / 8P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
30N06L-TA3-T VBSEMI-30N06L-TA3-T Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 30N06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N06 UTC-UTT30N06 Datasheet
302Kb / 8P
   30A, 60V N-CHANNEL POWER MOSFET
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
   60V, 30A P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P30FE6SLK SHINDENGEN-P30FE6SLK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 30A, N-channel
logo
STMicroelectronics
STB30NE06L STMICROELECTRONICS-STB30NE06L Datasheet
47Kb / 6P
   N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
   N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com