Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30N06L-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 30N06L-TF3-T
Description  60V, 30A N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06L-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  30N06L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 30N06L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 30N06L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 30N06L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 30N06L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 30N06L-TF3-T Datasheet HTML 6Page - Unisonic Technologies 30N06L-TF3-T Datasheet HTML 7Page - Unisonic Technologies 30N06L-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
30N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-087.E
TYPICAL CHARACTERISTICS
102
101
100
101
10-1
100
Drain-Source Voltage, VDS (V)
On-State Characteristics
102
101
100
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
35
7
9
VGS
Top: 15V
10V
8V
7V
6V
5.5V
5V
Bottorm: 4.5V
4.5V
Note:
1. VDS=25V
2. 20µs Pulse Test
0.0
0
Drain Current, ID (A)
40
80
100
20
40
60
80
100
On-Resistance Variation vs. Drain Current and
Gate Voltage
102
101
100
0.2
Source-Drain Voltage, VSD (V)
Reverse Drain Current vs. Allowable Case
Temperature
1.6
0.4
0.6
0.8 1.0
1.2 1.4
20
60
120
*Note:
1. VGS=0V
2. 250µs Test
25℃
150℃
VGS=10V
VGS=20V


Similar Part No. - 30N06L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06L-TF3-T UTC-30N06L-TF3-T Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06L-TF3-T UTC-30N06L-TF3-T Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06L-TF3-T UTC-30N06L-TF3-T Datasheet
336Kb / 8P
   N-CHANNEL POWER MOSFET
30N06L-TF3-T UTC-30N06L-TF3-T Datasheet
337Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 30N06L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N06 UTC-UTT30N06 Datasheet
302Kb / 8P
   30A, 60V N-CHANNEL POWER MOSFET
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
   60V, 30A P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P30FE6SLK SHINDENGEN-P30FE6SLK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 30A, N-channel
logo
STMicroelectronics
STB30NE06L STMICROELECTRONICS-STB30NE06L Datasheet
47Kb / 6P
   N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
   N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com