Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA3312-N24-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA3312-N24-T
Description  DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312-N24-T Datasheet(HTML) 5 Page - Unisonic Technologies

  PA3312-N24-T Datasheet HTML 1Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 2Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 3Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 4Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 5Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 6Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 7Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 8Page - Unisonic Technologies PA3312-N24-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PA3312
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R107-055.A
TYPICAL APPLICATION CIRCUIT
R
MUX
Volume
Control
PC-
Beep
RHPIN
RLINEIN
RIN
PC-BEEP
ROUT+
ROUT-
Volume
Control
L
MUX
SE/BEL
HP/LINE
LHPIN
LLINEIN
LIN
Volume
Control
Gain/
MUX
Control
Depop
Circuitry
GAIN0
GAIN1
Volume
Control
100KΩ
100KΩ
COUTR
330µF
1KΩ
Power
Manag
ement
CLUTL
330µF
CSR
0.1µF
VDD
VDD
CSR
0.1µF
See Note A
To System
Control
1, 12,
13, 24
22
11
19
18
4
LOUT+
LOUT- 9
GND
SHUT
DOWN
BYPASS
VDD
PVDD
16
21
VDD
1KΩ
CBYP
0.47µF
10
5
6
15
17
2, 3
14
8
23
20
CIRHP
0.47µF
A. A 0.1-µF ceramic capacitor should be placed as close as possible to the IC. For filtering
lower frequency noise signals, a larger electrolytic capacitor of 10 µF or greater should be
placed near the audio power amplifier.
CIRLINE
0.47µF
CRIN
0.47µF
CPCB
0.47µF
CILHP
0.47µF
CILLINE
0.47µF
CLIN
0.47µF
Left
Line
Input
Signal
PC-
BEEP
Input
Signal
Left
Head−
phone
Input
Signal
Right
Line
Input
Signal
Right
Head−
phone
Input
Signal
Typical PA3312 Application Circuit Using Single-Ended Inputs and Input MUX


Similar Part No. - PA3312-N24-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3312G-N24-R UTC-PA3312G-N24-R Datasheet
292Kb / 11P
   DUAL 2.6W AUDIO POWER AMPLIFIER
PA3312 UTC-PA3312_15 Datasheet
292Kb / 11P
   DUAL 2.6W AUDIO POWER AMPLIFIER
More results

Similar Description - PA3312-N24-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com