Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30N06G-TN3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 30N06G-TN3-T
Description  60V, 30A N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06G-TN3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  30N06G-TN3-T Datasheet HTML 1Page - Unisonic Technologies 30N06G-TN3-T Datasheet HTML 2Page - Unisonic Technologies 30N06G-TN3-T Datasheet HTML 3Page - Unisonic Technologies 30N06G-TN3-T Datasheet HTML 4Page - Unisonic Technologies 30N06G-TN3-T Datasheet HTML 5Page - Unisonic Technologies 30N06G-TN3-T Datasheet HTML 6Page - Unisonic Technologies 30N06G-TN3-T Datasheet HTML 7Page - Unisonic Technologies 30N06G-TN3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
30N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-087.E
ABSOLUTE MAXIMUM RATINGS(TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = 25℃
ID
30
A
TC = 100℃
21.3
A
Pulsed Drain Current (Note 2)
IDM
120
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
300
mJ
Repetitive (Note 2)
EAR
8
mJ
Power Dissipation
TO-220
PD
79
W
TO-220F/ TO-220F2
45
TO-252
44
Junction Temperature
TJ
+150
Operation Temperature
TOPR
-55 ~ +150
Storage Temperature
TSTG
-55 ~ +150
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repeativity rating: pulse width limited by junction temperature
3. L=0.66mH, IAS=30A, VDD=25V, RG=20Ω, Starting TJ=25℃
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220
θJA
62
°C/W
TO-220F/TO-220F2
62.5
TO-252
110
Junction to Case
TO-220
θJC
1.9
°C/W
TO-220F/TO-220F2
2.7
TO-252
2.85


Similar Part No. - 30N06G-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06G-TN3-T UTC-30N06G-TN3-T Datasheet
336Kb / 8P
   N-CHANNEL POWER MOSFET
30N06G-TN3-T UTC-30N06G-TN3-T Datasheet
337Kb / 8P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
30N06G-TN3-T VBSEMI-30N06G-TN3-T Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 30N06G-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N06 UTC-UTT30N06 Datasheet
302Kb / 8P
   30A, 60V N-CHANNEL POWER MOSFET
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
   60V, 30A P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P30FE6SLK SHINDENGEN-P30FE6SLK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 30A, N-channel
logo
STMicroelectronics
STB30NE06L STMICROELECTRONICS-STB30NE06L Datasheet
47Kb / 6P
   N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
   N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com