Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA3431L-N20-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # PA3431L-N20-T
Description  2W STEREO AUDIO AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3431L-N20-T Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button PA3431L-N20-T Datasheet HTML 3Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 4Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 5Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 6Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 7Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 8Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 9Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 10Page - Unisonic Technologies PA3431L-N20-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PA3431
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R502-185.A
TYPICAL CHARACTERISTICS(Cont.)
20
50
0.01
Total Harmonic Distortion Plus Noise vs.
Frequency
Frequency (Hz)
20k
100 200 500 1k 2k 5k 10k
0.02
0.05
0.1
0.2
0.5
1
2
5
10
VDD=5V
RL=8Ω
AV=6dB
POUT=0.5W
POUT=1W
POUT=0.25W
20
50
0.01
Total Harmonic Distortion Plus Noise vs.
Frequency
Frequency (Hz)
20k
100 200 500 1k 2k 5k 10k
0.02
0.05
0.1
0.2
0.5
1
2
5
10
VDD=5V
RL=8Ω
POUT=1W
AV=21.6dB
AV=15.6dB
AV=6dB
AV=10dB


Similar Part No. - PA3431L-N20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431G-N20-R UTC-PA3431G-N20-R Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431G-N20-R UTC-PA3431G-N20-R Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
More results

Similar Description - PA3431L-N20-T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com