Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTA44 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PZTA44
Description  NPN HIGH VOLTAGE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA44 Datasheet(HTML) 2 Page - Unisonic Technologies

  PZTA44_12 Datasheet HTML 1Page - Unisonic Technologies PZTA44_12 Datasheet HTML 2Page - Unisonic Technologies PZTA44_12 Datasheet HTML 3Page - Unisonic Technologies PZTA44_12 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZTA44/45
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R207-003.C
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
PZTA44
VCBO
500
V
PZTA45
400
V
Collector-Emitter Voltage
PZTA44
VCEO
400
V
PZTA45
350
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
300
mA
Collector Dissipation
PC
1.2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
J =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown
Voltage
PZTA44
BVCBO
IC=100μA, IB=0
500
V
PZTA45
400
V
Collector-Emitter Breakdown
Voltage
PZTA44
BVCEO
IC=1mA, IB=0
400
V
PZTA45
350
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA, IC=0
6
V
Collector Cut-OFF Current
PZTA44
ICBO
VCB=400V, IE=0
0.1
μA
PZTA45
VCB=320V, IE=0
0.1
μA
Collector Cut-OFF Current
PZTA44
ICES
VCE=400V, IB=0
0.5
μA
PZTA45
VCE=320V, IB=0
0.5
μA
Emitter Cut-OFF Current
IEBO
VEB=4V, IC=0
0.1
μA
DC Current Gain (Note)
hFE
VCE=10V, IC=1mA
40
VCE=10V, IC=10mA
50
240
VCE=10V, IC=50mA
45
VCE=10V, IC=100mA
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1mA, IB=0.1mA
0.4
V
IC=10mA, IB=1mA
0.5
V
IC=50mA, IB=5mA
0.75
V
Base-Emitter Saturation Voltage
VBE(SAT) IC=10mA, IB=1mA
0.75
V
Current Gain Bandwidth Product
fT
VCE=20V,Ic=10mA, f=100MHz
50
MHz
Output Capacitance
COB
VCB=20V, IE=0, f=1MHz
7
pF
Note: Pulse test: Pulse Width<300
μs, Duty Cycle<2%


Similar Part No. - PZTA44_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA44115 NXP-PZTA44115 Datasheet
113Kb / 6P
   NPN high-voltage transistor
1999 May 21
logo
Weitron Technology
PZTA44 WEITRON-PZTA44_10 Datasheet
300Kb / 3P
   NPN Silicon Planar Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
PZTA44 SECOS-PZTA44_15 Datasheet
71Kb / 1P
   NPN Silicon Medium Power Transistor
logo
KEC(Korea Electronics)
PZTA44 KEC-PZTA44_15 Datasheet
44Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_15 Datasheet
112Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR
More results

Similar Description - PZTA44_12

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com