Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXXLD20G-TF4-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # RXXLD20G-TF4-T
Description  2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RXXLD20G-TF4-T Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button RXXLD20G-TF4-T Datasheet HTML 2Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 3Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 4Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 5Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 6Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 7Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 8Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 9Page - Unisonic Technologies RXXLD20G-TF4-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RXXLD20
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R102-015.F
TYPICAL CHARACTERISTICS


Similar Part No. - RXXLD20G-TF4-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20 Datasheet
155Kb / 9P
   Linear Integrated Circuit
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD20-TB5-T UTC-RXXLD20-TB5-T Datasheet
155Kb / 9P
   Linear Integrated Circuit
RXXLD20-TF4-T UTC-RXXLD20-TF4-T Datasheet
155Kb / 9P
   Linear Integrated Circuit
RXXLD20L-TB5-T UTC-RXXLD20L-TB5-T Datasheet
155Kb / 9P
   Linear Integrated Circuit
More results

Similar Description - RXXLD20G-TF4-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
URXX20 UTC-URXX20 Datasheet
277Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD30 ETL-RXXLD30 Datasheet
110Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com