Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T78041 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # T78041
Description  VERTICAL DEFLECTION OUTPUT CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

T78041 Datasheet(HTML) 4 Page - Unisonic Technologies

  T78041_12 Datasheet HTML 1Page - Unisonic Technologies T78041_12 Datasheet HTML 2Page - Unisonic Technologies T78041_12 Datasheet HTML 3Page - Unisonic Technologies T78041_12 Datasheet HTML 4Page - Unisonic Technologies T78041_12 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T78041
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-010,B
APPLICATION CIRCUIT
AC APPLICATION (Single Power Supply)
+VCC
7
2
6
3
5
1
Flyback
Generator
4
-
+
Thermal
Protection
Power
Amplifier
Deflection Coil
CF
R3
300
0.47
0.22
μF
R4
R5
R2
CL
CS
+
-
VREF
2.2V
R1
DC APPLICATION (Double Power Supply)
+VCC
7
2
6
3
5
1
Flyback
Generator
4
-
+
Thermal
Protection
Power
Amplifier
Deflection Coil
CF
R3
300
0.47
0.22
μF
R2
VREF+
R1
-VEE
VREF-
Field the
position
adjust


Similar Part No. - T78041_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results

Similar Description - T78041_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7875N SANYO-LA7875N Datasheet
40Kb / 4P
   Vertical Deflection Output Circuit
logo
STMicroelectronics
TDA9302H STMICROELECTRONICS-TDA9302H Datasheet
79Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Unisonic Technologies
T8172 UTC-T8172_15 Datasheet
176Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_15 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040 Datasheet
102Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com