Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7377L-J15-D-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA7377L-J15-D-T
Description  2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377L-J15-D-T Datasheet(HTML) 6 Page - Unisonic Technologies

  TDA7377L-J15-D-T Datasheet HTML 1Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TDA7377
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R107-064.A
TYPICAL APPLICATION INFORMATION
Diagnostics Facility note:
UTC TDA7377 built in a diagnostic circuitry, when following events appearing: clipping in the output signal,
thermal shutdown, and output fault including short to GND, short to VS and soft short at turn on.
When the event is detected, The information is available across an open collector output (pin 10) through a current
sinking (see Fig 4).The current sinking at pin 10 is triggered when a certain distortion level is reached at any of the
outputs. This function allows gain compression possibility whenever the amplifier is overdriven. The current sinking
at pin 10 also can be triggered When the IC’s operating temperature raise to about 10°C before the shutdown
threshold.
Normally the clip detector signaling produces a low level at pin 10 that is shorter than that present under faulty
conditions; This can be used to discriminate each event (clipping detection, output fault, thermal proximity).
UTC TDA7377
10
R
VREF
VPIN 10
Figure 4. Pin10 Diagnostic Circuitry
-


Similar Part No. - TDA7377L-J15-D-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7377L-J15-D-T UTC-TDA7377L-J15-D-T Datasheet
349Kb / 10P
   30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA7377L-J15-D-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7377 UTC-TDA7377_15 Datasheet
349Kb / 10P
   30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
D7377 ETC-D7377 Datasheet
486Kb / 11P
   2×30W Dual/Quad Power Amplifier for Car Radio D7377
logo
STMicroelectronics
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
   2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
   2 x 35W dual/quad power amplifier for car radio
September 2013 Rev. 5
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7375A STMICROELECTRONICS-TDA7375A Datasheet
192Kb / 14P
   2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7375A STMICROELECTRONICS-TDA7375A_05 Datasheet
651Kb / 15P
   2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com