Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7388L-J25-B-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA7388L-J25-B-T
Description  4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7388L-J25-B-T Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA7388L-J25-B-T Datasheet HTML 1Page - Unisonic Technologies TDA7388L-J25-B-T Datasheet HTML 2Page - Unisonic Technologies TDA7388L-J25-B-T Datasheet HTML 3Page - Unisonic Technologies TDA7388L-J25-B-T Datasheet HTML 4Page - Unisonic Technologies TDA7388L-J25-B-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7388
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R107-067.a
4 X 41W QUAD BRIDGE CAR
RADIO AMPLIFIER
DESCRIPTION
The UTC TDA7388 is a class AB Audio Power Amplifier. It
allows a rail to rail output voltage swing with no need of bootstrap
capacitors for the fully complementary PNP/NPN output
configuration.
The UTC TDA7388 is suitable for high end car radio
applications.
FEATURES
* High Output Power@ VCC=14.4V, f=1kHz, RL=4 Ω:
-4 x 41W Max.
-4 x 25W @THD=10%
* Rail to rail output voltage swing
* Low THD & eNo
HZIP-25B
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TDA7388L-J25-B-T
TDA7388G-J25-B-T
HZIP-25B
Tube
Note: xx: Output Voltage, refer to Marking Information.
(1) T: Tube
(2) J25-B: HZIP-25B
(3) Halogen Free, L: Lead Free
TDA7388L-J25-B-T
(1) Packing Type
(2) Package Type
(3) Lead Free


Similar Part No. - TDA7388L-J25-B-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7388L-J25-B-T UTC-TDA7388L-J25-B-T Datasheet
207Kb / 5P
   QUAD BRIDGE CAR RADIO AMPLIFIER
More results

Similar Description - TDA7388L-J25-B-T

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
   4 x 42W quad bridge car radio amplifier
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
   4 x 45W quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com