Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HCT574 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT574
Description  OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP WITH 3-STATE OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT574 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT574 Datasheet HTML 1Page - Unisonic Technologies U74HCT574 Datasheet HTML 2Page - Unisonic Technologies U74HCT574 Datasheet HTML 3Page - Unisonic Technologies U74HCT574 Datasheet HTML 4Page - Unisonic Technologies U74HCT574 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HCT574
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-653.A
TIMING REQUIREMENTS(TA=25°С, CL=50pF,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Pulse duration, LE high
tW
VCC=4.5V
16
7
ns
Setup Time, data before LE↓
tSU
VCC=4.5V
12
3
ns
Hold Time, data after LE↓
tH
VCC=4.5V
5
-1
ns
DYNAMIC CHARACTERISTICS(TA=25°С, CL=50pF,RL=1kΩ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input
(CP) to output (
Q )
tPD
(tPLH/tPHL)
VCC=4.5V
18
33
ns
3-state output enable time from input
(
OE ) to output ( Q )
tEN
(tPZL/tPZH)
VCC=4.5V
19
33
ns
3-state output disable time from
input (
OE ) to output ( Q )
tDIS
(tPLZ/tPHZ)
VCC=4.5V
16
28
ns
Output transition time, (
Q )
tT
(tR/tF)
VCC=4.5V
5
12
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No load
50
pF


Similar Part No. - U74HCT574

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT574G-R20-T UTC-U74HCT574G-R20-T Datasheet
177Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP
U74HCT574L-R20-T UTC-U74HCT574L-R20-T Datasheet
177Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP
U74HCT574 UTC-U74HCT574_15 Datasheet
177Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP
More results

Similar Description - U74HCT574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com