Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HCT4094 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT4094
Description  8-STAGE SHIFT&STORE BUS REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT4094 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT4094 Datasheet HTML 1Page - Unisonic Technologies U74HCT4094 Datasheet HTML 2Page - Unisonic Technologies U74HCT4094 Datasheet HTML 3Page - Unisonic Technologies U74HCT4094 Datasheet HTML 4Page - Unisonic Technologies U74HCT4094 Datasheet HTML 5Page - Unisonic Technologies U74HCT4094 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HCT4094
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-665.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Voltage
VIN
-0.5 ~ VCC +1.5
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±50
mA
Input Current
IIN
±20
mA
Output Current
IOUT
±25
mA
Storage Temperature
TSTG
-65 ~ + 150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
4.5
5.5
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
+125
Input Rise or Fall Times
tR, tF
VCC=4.5V to 5.5V
500
ns
ELECTRICAL CHARACTERISTICS(TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-level input voltage
VIH
VCC=4.5V to 5.5V
2.0
1.6
V
Low-lever output voltage
VIL
VCC=4.5V to 5.5V
1.2
0.8
V
VCC=4.5V, IOH=-20μA
4.4
V
High-Level Output Voltage,
VOH
VCC=4.5V, IOH=-4mA
3.98
V
VCC=4.5V, IOL=20μA
0.1
V
Low-Level Output Voltage,
VOL
VCC=4.5V, IOH=4mA
0.26
V
Input Leakage Current
II(LEAK)
VCC=5.5V,VIN= 3V or GND
±0.1
μA
Output OFF -state current
IOZ
VCC=5.5V,VOUT=VCC or GND
±0.5
μA
Quiescent Supply Current
Icc
VCC=5.5V, VIN=3V or GND, IOUT=0
4
μA
STR
100
360
OE
150
540
CP
150
540
Additional Quiescent Supply Current
ICC
VIN=VCC-2.1V,
other inputs at VCC or GND
D
40
144
μA


Similar Part No. - U74HCT4094

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT4094G-P16-R UTC-U74HCT4094G-P16-R Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
U74HCT4094G-P16-T UTC-U74HCT4094G-P16-T Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
U74HCT4094L-P16-R UTC-U74HCT4094L-P16-R Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
U74HCT4094L-P16-T UTC-U74HCT4094L-P16-T Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
More results

Similar Description - U74HCT4094

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com