Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC2G14 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74LVC2G14
Description  DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G14 Datasheet(HTML) 2 Page - Unisonic Technologies

  U74LVC2G14_10 Datasheet HTML 1Page - Unisonic Technologies U74LVC2G14_10 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G14_10 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G14_10 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G14_10 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74LVC2G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-355.B
PIN CONFIGURATION
FUNCTION TABLE
INPUT(A)
OUTPUT(Y)
L
H
H
L
H=High level
L=Low Level
LOGIC SYMBOL
FUNCTIONAL DIAGRAM
1A
1Y
2A
2Y


Similar Part No. - U74LVC2G14_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74LVC2G14_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14 Datasheet
151Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
logo
NXP Semiconductors
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com