Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1021 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1021_12 Datasheet HTML 5Page - Texas Instruments CC1021_12 Datasheet HTML 6Page - Texas Instruments CC1021_12 Datasheet HTML 7Page - Texas Instruments CC1021_12 Datasheet HTML 8Page - Texas Instruments CC1021_12 Datasheet HTML 9Page - Texas Instruments CC1021_12 Datasheet HTML 10Page - Texas Instruments CC1021_12 Datasheet HTML 11Page - Texas Instruments CC1021_12 Datasheet HTML 12Page - Texas Instruments CC1021_12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
CC1021
SWRS045C
Page 9 of 87
Parameter
Min
Typ
Max
Unit
Condition / Note
Input IP3
433 MHz 102.4 kHz channel filter BW
868 MHz 102.4 kHz channel filter BW
-23
-18
-16
-18
-15
-13
dBm
dBm
dBm
dBm
dBm
dBm
Two tone test (+10 MHz and +20
MHz)
LNA2 maximum gain
LNA2 medium gain
LNA2 minimum gain
LNA2 maximum gain
LNA2 medium gain
LNA2 minimum gain
Co-channel rejection, FSK and OOK
433 MHz and 868 MHz,
102.4 kHz channel filter BW,
-11
dB
Wanted signal 3 dB above the
sensitivity level, CW jammer at
operating frequency, BER = 10
−3
Adjacent channel rejection (ACR)
433 MHz 102.4 kHz channel filter BW
868 MHz 102.4 kHz channel filter BW
32
30
dB
dB
Wanted signal 3 dB above the
sensitivity level, CW jammer at
adjacent channel, BER = 10
−3.
Measured at ±100 kHz offset.
See Figure 16 to Figure 19.
Image channel rejection
433/868 MHz
No I/Q gain and phase calibration
I/Q gain and phase calibrated
25/25
50/50
dB
dB
Wanted signal 3 dB above the
sensitivity level, CW jammer at
image frequency, BER = 10
−3.
102.4 kHz channel filter
bandwidth. See Figure 16 to
Figure 19.
Image rejection after calibration
will depend on temperature and
supply voltage. Refer to section
12.6 on page 35.
Selectivity*
433 MHz 102.4 kHz channel filter BW
±200 kHz offset
±300 kHz offset
868 MHz 102.4 kHz channel filter BW
±200 kHz offset
±300 kHz offset
(*Close-in spurious response
rejection)
45
53
45
50
dB
dB
dB
dB
Wanted signal 3 dB above the
sensitivity level. CW jammer is
swept in 20 kHz steps within ± 1
MHz from wanted channel. BER
= 10
−3. Adjacent channel and
image channel are excluded.
See Figure 16 to Figure 19.
Blocking / Desensitization*
433/868 MHz
± 1 MHz
± 2 MHz
± 5 MHz
± 10 MHz
(*Out-of-band spurious response
rejection)
52/58
56/64
58/64
64/66
dB
dB
dB
dB
Wanted signal 3 dB above the
sensitivity level, CW jammer at ±
1, 2, 5 and 10 MHz offset,
BER = 10
−3. 102.4 kHz channel
filter bandwidth.
Complying with EN 300 220,
class 2 receiver requirements.
Image frequency suppression,
433/868 MHz
No I/Q gain and phase calibration
I/Q gain and phase calibrated
35/35
60/60
dB
dB
Ratio between sensitivity for a
signal at the image frequency to
the sensitivity in the wanted
channel. Image frequency is RF−
2 IF. BER = 10
−3. 102.4 kHz
channel filter bandwidth.


Similar Part No. - CC1021_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1021_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com