Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1101IRHBRG4Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC1101IRHBRG4Q1
Description  Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1101IRHBRG4Q1 Datasheet(HTML) 2 Page - Texas Instruments

  CC1101IRHBRG4Q1 Datasheet HTML 1Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 2Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 3Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 4Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 5Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 6Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 7Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 8Page - Texas Instruments CC1101IRHBRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
CC11x1-Q1
SWRS076B – 11-07-22-013 - APRIL 2009 – REVISED APRIL 2010
www.ti.com
1.3
Advantages
Relay Attack Prevention Through Fast Channel Hopping
Lowest System Cost Through Highest Integration Level
Only One Crystal Needed For Key-Fob Designs
Integrated Protocol Handling, Wake-On-Radio, Clock Output Relax Microcontroller Requirements
1.4
Family Members
All family members are pin-to-pin and software compatible.
UHF Transceivers
CC1101IRHBRG4Q1 (–40°C to 85°C)
CC1101TRHBRG4Q1 (–40°C to 105°C)
CC1101QRHBRG4Q1 (–40°C to 125°C)
UHF Receivers
CC1131IRHBRG4Q1 (–40°C to 85°C)
CC1131TRHBRG4Q1 (–40°C to 105°C)
CC1131QRHBRG4Q1 (–40°C to 125°C)
UHF Transmitters
CC1151IRHBRG4Q1 (–40°C to 85°C)
CC1151TRHBRG4Q1 (–40°C to 105°C)
CC1151QRHBRG4Q1 (–40°C to 125°C)
1.5
Description
The CC11x1-Q1 device family is designed for very low-power wireless applications. The circuits are
mainly intended for the Industrial, Scientific and Medical (ISM) and Short Range Device (SRD) frequency
bands at 315 MHz, 433 MHz, 868 MHz, and 915 MHz, but can easily be programmed for operation at
other frequencies in the 310-MHz to 348-MHz, 420-MHz to 450-MHz, and 779-MHz to 928-MHz bands.
The devices integrate a highly configurable baseband modem. The modem supports various modulation
formats and has a configurable data rate up to 250 kBaud. CC11x1-Q1 family provides extensive
hardware support for packet handling, data buffering, burst transmissions, clear channel assessment, link
quality indication, and wake-on-radio. The main operating parameters and the 64-byte transmit/receive
FIFOs can be controlled via an SPI interface. In a typical system, the devices are used together with a
microcontroller and a few additional passive components.
WARNING
This product shall not be used in any of the following products or systems
without prior express written permission from Texas Instruments:
(i) implantable cardiac rhythm management systems, including without
limitation pacemakers, defibrillators and cardiac resynchronization devices;
(ii) external cardiac rhythm management systems that communicate directly
with one or more implantable medical devices; or
(iii) other devices used to monitor or treat cardiac function, including without
limitation pressure sensors, biochemical sensors and neurostimulators.
Please contact lpw-medical-approval@list.ti.com if your application might fall
within a category described above.
2
Introduction
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - CC1101IRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101IRHBRG4Q1 TI1-CC1101IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101IRHBRG4Q1 TI1-CC1101IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results

Similar Description - CC1101IRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC11X1-Q1 TI1-CC11X1-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com