Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1120 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1120
Description  High Performance RF Transceiver for Narrowband Systems
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1120_12 Datasheet HTML 4Page - Texas Instruments CC1120_12 Datasheet HTML 5Page - Texas Instruments CC1120_12 Datasheet HTML 6Page - Texas Instruments CC1120_12 Datasheet HTML 7Page - Texas Instruments CC1120_12 Datasheet HTML 8Page - Texas Instruments CC1120_12 Datasheet HTML 9Page - Texas Instruments CC1120_12 Datasheet HTML 10Page - Texas Instruments CC1120_12 Datasheet HTML 11Page - Texas Instruments CC1120_12 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CC1120
SWRS112C – REVISED APRIL 2012
Page 8 of 24
PRODUCTION DATA information is current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
RX performance in 868/915 MHz bands (High Performance Mode)
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
-127
dBm
300 bps with coding gain (using a
PN spreading sequence with 4 chips
per databit)
-123
dBm
1.2 kbps, DEV=4 kHz CHF=10 kHz
-117
dBm
1.2 kbps, DEV=20 kHz CHF=50 kHz
-114
dBm
4.8 kbps OOK
-110
dBm
38.4 kbps, DEV=50 kHz CHF=100
kHz
-110
dBm
50 kbps 2GFSK, DEV=25 kHz,
CHF=100 kHz
Sensitivity
-103
dBm
200 kbps, DEV=83 kHz (outer
symbols), CHF=200 kHz, 4GFSK
54
dB
± 12.5 kHz (adjacent channel)
54
dB
± 25 kHz (alternate channel)
75
dB
± 1 MHz
79
dB
± 2 MHz
Blocking and Selectivity
1.2 kbps 2FSK, 12.5 kHz channel
separation, 4 kHz deviation, 10 kHz
channel filter
87
dB
± 10 MHz
48
dB
± 50 kHz (adjacent channel)
48
dB
+ 100 kHz (alternate channel)
69
dB
± 1 MHz
74
dB
± 2 MHz
Blocking and Selectivity
1.2 kbps 2FSK, 50 kHz channel
separation, 20 kHz deviation, 50 kHz
channel filter
81
dB
± 10 MHz
42
dB
+ 100 kHz (adjacent channel)
43
dB
± 200 kHz (alternate channel)
62
dB
± 1 MHz
66
dB
± 2 MHz
Blocking and Selectivity
38.4 kbps 2GFSK, 100 kHz channel
separation, 20 kHz deviation, 100 kHz
channel filter
74
dB
± 10 MHz
43
dB
± 200 kHz (adjacent channel)
50
dB
± 400 kHz (alternate channel)
61
dB
± 1 MHz
65
dB
± 2 MHz
Blocking and Selectivity
50 kbps 2GFSK, 200 kHz channel
separation, 25 kHz deviation, 100 kHz
channel filter
(Same modulation format as 802.15.4g
Mandatory Mode)
74
dB
± 10 MHz
36
dB
± 200 kHz (adjacent channel)
44
dB
± 400 kHz (alternate channel)
55
dB
± 1 MHz
59
dB
± 2 MHz
Blocking and Selectivity
200 kbps 4GFSK, 83 kHz deviation (outer
symbols), 200 kHz channel filter, zero IF
67
dB
± 10 MHz
Image Rejection
(Image compensation enabled)
54
dB
1.2 kbps, 12.5 kHz channel
separation, FSK, image at -125 kHz


Similar Part No. - CC1120_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120 TI1-CC1120_14 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_15 Datasheet
1Mb / 37P
[Old version datasheet]   CC1120 High-Performance RF Transceiver for Narrowband Systems
More results

Similar Description - CC1120_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120 Datasheet
967Kb / 30P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI1-CC1120_14 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_15 Datasheet
1Mb / 37P
[Old version datasheet]   CC1120 High-Performance RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com