Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1131IRHBRG4Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC1131IRHBRG4Q1
Description  Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1131IRHBRG4Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1131IRHBRG4Q1 Datasheet HTML 3Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 4Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 5Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 6Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 7Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 8Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 9Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 10Page - Texas Instruments CC1131IRHBRG4Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
CC11x1-Q1
www.ti.com
SWRS076B – 11-07-22-013 - APRIL 2009 – REVISED APRIL 2010
Current Consumption (continued)
VDD = 1.8 V to 3.3 V, fREF = 26 MHz, All voltages refer to GND (unless otherwise noted). Typical values at TA = 25°C, VDD = 3
V. All measurement results obtained using the reference designs.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
–40°C to 105°C
35.5
39
Transmit mode(1), 10-dBm output power
125°C
33.9
–40°C to 105°C
16.4
18.5
Transmit mode(1), 0-dBm output power
125°C
16.2
–40°C to 105°C
15
17.5
Transmit mode(1), –5-dBm output power
125°C
16
–40°C to 105°C
18.5
21.5
Receive mode(2), 1.2 kbps, input 20 dB above sensitivity
Current consumption,
mA
limit
125°C
19
868 MHz
–40°C to 105°C
18.4
21.5
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
limit
125°C
19
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
–40°C to 105°C
16
18
limit, low-current mode
125°C
16.5
(MDMCFG2.DEM_DCFILT_OFF = 1)
–40°C to 105°C
18.5
22
Receive mode(2), 250 kbps, input 30 dB above sensitivity
limit
125°C
19.1
–40°C to 105°C
34
41
Transmit mode(1), 10-dBm output power
125°C
32
–40°C to 105°C
16
18
Transmit mode(1), 0-dBm output power
125°C
15.8
–40°C to 105°C
14.5
16.5
Transmit mode(1), –5-dBm output power
125°C
15.5
–40°C to 105°C
18.2
21.5
Receive mode(2), 1.2 kbps, input 20 dB above sensitivity
Current consumption,
mA
limit
125°C
18.8
915 MHz
–40°C to 105°C
18.3
21.5
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
limit
125°C
18.8
Receive mode(2), 38.4 kbps, input 20 dB above sensitivity
–40°C to 105°C
16
18
limit, low-current mode
125°C
16.5
(MDMCFG2.DEM_DCFILT_OFF = 1)
–40°C to 105°C
18.3
21.5
Receive mode(2), 250 kbps, input 30 dB above sensitivity
limit
125°C
18.8
Copyright © 2009–2010, Texas Instruments Incorporated
Electrical Specifications
7
Submit Documentation Feedback


Similar Part No. - CC1131IRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1131IRHBRG4Q1 TI1-CC1131IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1131IRHBRG4Q1 TI1-CC1131IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results

Similar Description - CC1131IRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC11X1-Q1 TI1-CC11X1-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com