Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N06 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 60N06
Description  60A, 60V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06 Datasheet(HTML) 4 Page - Unisonic Technologies

  60N06_12 Datasheet HTML 1Page - Unisonic Technologies 60N06_12 Datasheet HTML 2Page - Unisonic Technologies 60N06_12 Datasheet HTML 3Page - Unisonic Technologies 60N06_12 Datasheet HTML 4Page - Unisonic Technologies 60N06_12 Datasheet HTML 5Page - Unisonic Technologies 60N06_12 Datasheet HTML 6Page - Unisonic Technologies 60N06_12 Datasheet HTML 7Page - Unisonic Technologies 60N06_12 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-121.C
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 60N06_12

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60N06-14 ISC-60N06-14 Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
60N06-18 ISC-60N06-18 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 60N06_12

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
   60A 60V N CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
   60V 60A N-Channel
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
   60V ,60A N-Channel
logo
ON Semiconductor
FDWS5360L-F085 ONSEMI-FDWS5360L-F085 Datasheet
540Kb / 7P
   N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓
August-2017, Rev. 2
logo
STMicroelectronics
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET??POWER MOSFET
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
logo
Fairchild Semiconductor
FDP14AN06LA0 FAIRCHILD-FDP14AN06LA0 Datasheet
250Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?
FDB14AN06L_F085 FAIRCHILD-FDB14AN06L_F085 Datasheet
306Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 60A, 14.6mW
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com